Part Number Hot Search : 
APTM5 ZTX504 SRL2035C AS7C3 IRS21 CZRW5254 425F14DM CS299
Product Description
Full Text Search
 

To Download EL123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVEREADY BATTERY CO. Internet: www.energizer.com
1-800-383-7323 / USA/ USA 1-800-383-7323 1-800-383-7323 / CANADA 1-800-383-7323 / CANADA + 44 (0) 208 920 2306 / EUROPE
ENERGIZER NO. 123 (EL123)
Chemical System: Lithium Lithium/Manganese Dioxide (Li/MnO 2) ANSI / NEDA-5018LC, IEC-CR17345 3.0 Volts 16.8 grams (0.59 oz.) 7.1 cubic centimeters (0.4 cubic inch) -40C to 60C (-40F to 140F) -40C to 60C (-40F to 140F) 1500 mAh to 2.0 volts (Rated Capacity at 100 ohms at 21C) 2 microampere 1500 mA continuous - 3500 mA pulse One 2/3A Designation: Battery Voltage: Average Weight: Volume: Storage Temp: Operating Temp: Average Capacity: Maximum Reverse Charge Current: Max Discharge: Cells:
Industry Standard Dimensions in mm (inches)
Typical Discharge Characteristics Schedule: 3 sec ON / 27 sec OFF Typical Drain: 900 milliamperes 3.5 3.0 Voltage, CCV 20C 2.5 2.0 1.5 -20C 1.0 0 This battery Contains a Positive Temperature Coefficient (PTC) Device to Limit Current Flow 3.5 Simulated Application Test Estimated Average Service at 21C (70F) Voltage, CCV Typical Drains Schedule: (mA)
24 hours/ day 24 hours/ day 3 sec ON / 7 sec OFF 3 sec ON / 27 sec OFF
400
800 1200 Cycles
1600
2000
Typical Discharge Characteristics Schedule: 3 sec ON / 7 sec OFF Typical Drain: 1200 milliampere
3.0 20C 2.5 2.0 -20C 1.5 1.0 0 300 600 Cycles 900 1200 1500
Load (ohms) 100 -
Cutoff Voltage 2.0 V 1.55 V 1.3 V Hours Cycles 56 1.0 1900 1400 -
1000 1200 900
Important Notice
This data sheet contains information specific to batteries manufactured at the time of its publication. Contents herein do not constitute a warranty. Copyright (c) Eveready Battery Co. Inc. - All Rights Reserved
Form No. EBC - 4204H
Page 1 of 1


▲Up To Search▲   

 
Price & Availability of EL123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X